データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 30 Page - NXP Semiconductors

部品番号 HCS08
部品情報  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 30 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors HCS08 Datasheet HTML 28Page - NXP Semiconductors HCS08 Datasheet HTML 29Page - NXP Semiconductors HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 316 page
background image
Chapter 2 Pins and Connections
MC9S08SG8 MCU Series Data Sheet, Rev. 8
30
Freescale Semiconductor
The MC9S08SG8 devices contain a ganged output drive feature that allows a safe and reliable method of
allowing pins to be tied together externally to produce a higher output current drive. See Section 6.3,
“Ganged Output” for more information for configuring the port pins for ganged output drive.
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program should either enable on-chip pull-up
devices or change the direction of unused pins to outputs so they do not
float.
When using the 8-pin devices, the user must either enable on-chip pullup
devices or change the direction of non-bonded out port B and port C pins to
outputs so the pins do not float.
When using the 16-pin devices, the user must either enable on-chip pullup
devices or change the direction of non-bonded out port C pins to outputs so
the pins do not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More