| データシートサーチシステム |
|
HCS08 データシート(PDF) 245 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 245 Page - NXP Semiconductors |
|
245 / 316 page ![]() Timer/PWM Module (S08TPMV3) MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 245 When a channel is configured for edge-aligned PWM (CPWMS=0, MSnB=1 and ELSnB:ELSnA not = 0:0), the data direction is overridden, the TPMxCHn pin is forced to be an output controlled by the TPM, and ELSnA controls the polarity of the PWM output signal on the pin. When ELSnB:ELSnA=1:0, the TPMxCHn pin is forced high at the start of each new period (TPMxCNT=0x0000), and the pin is forced low when the channel value register matches the timer counter. When ELSnA=1, the TPMxCHn pin is forced low at the start of each new period (TPMxCNT=0x0000), and the pin is forced high when the channel value register matches the timer counter. Figure 16-3. High-True Pulse of an Edge-Aligned PWM Figure 16-4. Low-True Pulse of an Edge-Aligned PWM CHnF BIT TOF BIT 0 ... 1 2 34 5 6 780 1 2 ... TPMxMODH:TPMxMODL = 0x0008 TPMxMODH:TPMxMODL = 0x0005 TPMxCNTH:TPMxCNTL TPMxCHn CHnF BIT TOF BIT 0 ... 1 2 34 5 6 780 1 2 ... TPMxMODH:TPMxMODL = 0x0008 TPMxMODH:TPMxMODL = 0x0005 TPMxCNTH:TPMxCNTL TPMxCHn |