| データシートサーチシステム |
|
PCIMX6DP4EVT2AB データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP4EVT2AB データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 168 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 4 NXP Semiconductors Introduction Ensure that you have the right data sheet for your specific part by checking the fields: Part # Series (DP/QP), temperature grade (junction) (A), and Frequency (8). Figure 1. Part Number Nomenclature—i.MX 6DualPlus and i.MX 6QuadPlus 1.2 Features The i.MX 6DualPlus/6QuadPlus processors are based on Arm Cortex-A9 MPCore platform, which has the following features: • Arm Cortex-A9 MPCore 4xCPU processor (with TrustZone®) • The core configuration is symmetric, where each core includes: — 32 KByte L1 Instruction Cache — 32 KByte L1 Data Cache — Private Timer and Watchdog — Cortex-A9 NEON MPE (Media Processing Engine) Co-processor The Arm Cortex-A9 MPCore complex includes: • General Interrupt Controller (GIC) with 128 interrupt support • Global Timer • Snoop Control Unit (SCU) • 1 MB unified I/D L2 cache, shared by two/four cores • Two Master AXI (64-bit) bus interfaces output of L2 cache Part differentiator @ Industrial with VPU, GPU, no MLB 7 Automotive with VPU, GPU 6 Consumer, with VPU, GPU 5 Automotive with GPU, no VPU 4 Temperature Tj + Extended commercial: -20 to + 105°CE Industrial: -40 to +105°CC Automotive: -40 to + 125°CA Frequency $ 800 MHz1 (Industrial grade) 8 852 MHz (Automotive grade) 8 1 GHz2 1 1.2 GHz 2 Package type RoHS FCPBGA 21x21 0.8mm (lidded) VT FCPBGA 21x21 0.8mm (non lidded) YM Qualification level MC Prototype Samples PC Mass Production MC Special SC Part # series XX i.MX 6QuadPlus QP i.MX 6DualPlus DP Silicon revision A Rev 1.0 A Rev 1.1 B Fusing % Real Codec off and no HDCP or DTCP A MC IMX6 XX @ + VV $ % A 1. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz. 2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz. |