データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCIMX6DP6EVT1AB データシート(PDF) 47 Page - NXP Semiconductors

部品番号 SCIMX6DP6EVT1AB
部品情報  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT1AB データシート(HTML) 47 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT1AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 49Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 50Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
47
4.8
Output Buffer Impedance Parameters
This section defines the I/O impedance parameters of the i.MX 6DualPlus/6QuadPlus processors for the
following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR2, and DDR3 modes
•LVDS I/O
NOTE
GPIO and DDR I/O output driver impedance is measured with “long”
transmission line of impedance Ztl attached to I/O pad and incident wave
launched into transmission line. Rpu/Rpd and Ztl form a voltage divider that
defines specific voltage of incident wave relative to OVDD. Output driver
impedance is calculated from this voltage divider (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More