| データシートサーチシステム |
|
SCIMX6QP5AYM2AB データシート(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6QP5AYM2AB データシート(HTML) 97 Page - NXP Semiconductors |
|
97 / 168 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 97 stops receiving data from the stream. For the next line, the IPU2_CSIx_HSYNC timing repeats. For the next frame, the IPU2_CSIx_VSYNC timing repeats. 4.12.10.2.3 Non-Gated Clock Mode The timing is the same as the gated-clock mode (described in Section 4.12.10.2.2, “Gated Clock Mode,”) except for the IPU2_CSIx_HSYNC signal, which is not used (see Figure 60). All incoming pixel clocks are valid and cause data to be latched into the input FIFO. The IPU2_CSIx_PIX_CLK signal is inactive (states low) until valid data is going to be transmitted over the bus. Figure 60. Non-Gated Clock Mode Timing Diagram The timing described in Figure 60 is that of a typical sensor. Some other sensors may have a slightly different timing. The CSI can be programmed to support rising/falling-edge triggered IPU2_CSIx_VSYNC; active-high/low IPU2_CSIx_HSYNC; and rising/falling-edge triggered IPU2_CSIx_PIX_CLK. IPU2_CSIx_VSYNC IPU2_CSIx_PIX_CLK IPU2_CSIx_DATA_EN[19:0] invalid 1st byte n+1th frame invalid 1st byte nth frame Start of Frame |