| データシートサーチシステム |
|
LHCC10040-R68M-R7 データシート(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LHCC10040-R68M-R7 データシート(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
4 / 6 page ![]() Electrical Characteristics Part Number Inductance (uH) Tolerance (±%) Test Frequency (kHz) RDC (mΩ) Max Isat (A)Typ. Irms (A)Typ. LHCC12050-R47M-R7 0.47 20 100 1.2 46 37 LHCC12050-1R0M-R7 1.0 20 100 2.5 37 29 LHCC12050-1R5M-R7 1.5 20 100 3.0 28 28 LHCC12050-4R7M-R7 4.7 20 100 11.5 16 11 LHCC12050-6R8M-R7 6.8 20 100 22 14 9 LHCC12050-100M-R7 10 20 100 35 13 7 Note: When ordering, please specify tolerance code. Tolerance: M=±20% Operating temperature range-55℃~125℃(Including self - temperature rise) Isat for Inductance drop 30% from its value without current Irms for a 40℃ temperature rise from 25℃ ambient with current Measure Equipment: L:WK 3260B or WK 6500P, 100kHz 0.5V RDC:CHEN HWA 502 or CHEN HWA 46502B Test Instruments:WK3260B Impedance / Material Analyzer Inductance v.s DC Current 0 1 2 3 4 5 6 7 8 9 10 11 12 0 1020304050 DC Current (A) 1R0 R47 100 4R7 6R8 Temperature Change v.s DC Current 0 10 20 30 40 50 60 70 80 90 100 110 120 0 5 10 15 20 25 30 35 40 45 50 55 DC Current (A) 1R0 R47 4R7 100 6R8 LHCC Series Rev : www.leiditech.com 01.06.2018 4/6 |