| データシートサーチシステム |
|
AM7945 データシート(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7945 データシート(HTML) 17 Page - Advanced Micro Devices |
|
17 / 18 page ![]() SLIC Products 17 PHYSICAL DIMENSION PL032 REVISION SUMMARY Revision A to B • Minor changes were made to the data sheet style and format to conform to AMD standards. Revision B to Revision C • In the Pin Description table, inserted/changed TP pin description to: “Thermal pin. Connection for heat dissipa- tion. Internally connected to substrate (QBAT). Leave as open circuit or connected to QBAT. In both cases, the TP pins can connect to an area of copper on the board to enhance heat dissipation.” Revision C to Revision D • Deleted information on the Ceramic DIP and Plastic DIP packages. • The PL032 package was added to the new Physical Dimension section. • Updated the Pin Description table to correct inconsistencies. .050 REF. .026 .032 TOP VIEW Pin 1 I.D. .485 .495 .447 .453 .585 .595 .547 .553 16-038FPO-5 PL 032 DA79 6-28-94 ae SIDE VIEW SEATING PLANE .125 .140 .009 .015 .080 .095 .042 .056 .013 .021 .400 REF. .490 .530 |