データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST26VF040A-80I/MFVXX データシート(PDF) 37 Page - Microchip Technology

部品番号 SST26VF040A-80I/MFVXX
部品情報  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/MFVXX データシート(HTML) 37 Page - Microchip Technology

Back Button SST26VF040A-80I/MFVXX Datasheet HTML 33Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 34Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 35Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 36Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 37Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 38Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 39Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 40Page - Microchip Technology SST26VF040A-80I/MFVXX Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 37
SST26VF040A
5.33
Lock-Down Protection Settings
(LDPS)
The
Lock-Down
Protection
Settings
instruction
prevents changes to the Block Protection bits (BP0,
BP1, BP2, BP3) of the STATUS register during device
operation. Lock-Down resets after power cycling or
hardware Reset; this allows the Block Protection
settings to be changed. Execute WREN before
initiating
the
Lock-Down
Protection
Settings
instruction. To execute a Lock-Down Protection
Settings command, the host drives CE# low, then
sends the Lock-Down Protection Settings command
cycle (8DH), then drive CE# high. Executing the LDPS
instruction will set the VLP bit in the Configuration
register.
FIGURE 5-38:
LOCK-DOWN PROTECTION SETTINGS (SQI)
FIGURE 5-39:
LOCK-DOWN PROTECTION SETTINGS (SPI)
Note:
C[1:0] = 8DH
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
8D
SIO[3:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73