| データシートサーチシステム |
|
DS2152 データシート(PDF) 69 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2152 データシート(HTML) 69 Page - Maxim Integrated Products |
|
69 / 97 page ![]() DS2152 69 of 97 12.3 D4/SLC-96 OPERATION In the D4 framing mode, the DS2152 uses the TFDL register to insert the Fs framing pattern. To allow the device to properly insert the Fs framing pattern, the TFDL register at address 7Eh must be programmed to 1Ch and the following bits must be programmed as shown: TCR1.2 = 0 (source Fs data from the TFDL register) CCR2.5 = 1 (allow the TFDL register to load on multiframe boundaries) Since the SLC-96 message fields share the Fs-bit position, the user can access these message fields via the TFDL and RFDL registers. See the separate application note for a detailed description of how to implement an SLC-96 function. |