| データシートサーチシステム |
|
AM29DL161DB70PCI データシート(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL161DB70PCI データシート(HTML) 11 Page - Advanced Micro Devices |
|
11 / 57 page ![]() May 26, 2004 Am29DL16xD 11 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29DL16xD T 70 E I OPTIONAL PROCESSING Blank = Standard Processing N = 16-byte ESN devices TEMPERATURE RANGE F = Industrial (–40 °C to +85°C) with Pb-Free Package I = Industrial (–40 °C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) PC = 64-Ball Fortified Ball Grid Array 1.0 mm pitch, 13 x 11 mm package (LAA064) WC = 48-Ball Fine-Pitch Ball Grid Array 0.80 mm pitch, 8 x 9 mm package (FBC048) VR = 48-Ball Very Thin Profile Ball Grid Array 0.80 mm pitch, 8.15 x 6.15 mm package (VBF048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T= Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory, 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages Valid Combinations for FBGA Packages Order Number Order Number Package Marking AM29DL161DT70, AM29DL161DB70 EI, EF AM29DL161DT70, AM29DL161DB70 PCI, WCI, VRI, PCF, WCF, VRF D161DT70, D161DB70 PI, VI, UI, PF, VF, UF AM29DL162DT70, AM29DL162DB70 AM29DL162DT70, AM29DL162DB70 D162DT70, D162DB70 AM29DL163DT70, AM29DL163DB70 AM29DL163DT70, AM29DL163DB70 D163DT70, D163DB70 AM29DL164DT70, AM29DL164DB70 AM29DL164DT70, AM29DL164DB70 D164DT70, D164DB70 AM29DL161DT90, AM29DL161DB90 AM29DL161DT90, AM29DL161DB90 D161DT90, D161DB90 AM29DL162DT90, AM29DL162DB90 AM29DL162DT90, AM29DL162DB90 D162DT90, D162DB90 AM29DL163DT90, AM29DL163DB90 AM29DL163DT90, AM29DL163DB90 D163DT90, D163DB90 AM29DL164DT90, AM29DL164DB90 AM29DL164DT90, AM29DL164DB90 D164DT90, D164DB90 AM29DL161DT120, AM29DL161DB120 AM29DL161DT120, AM29DL161DB120 D161DT12, D161DB12 AM29DL162DT120, AM29DL162DB120 AM29DL162DT120, AM29DL162DB120 D162DT12, D162DB12 AM29DL163DT120, AM29DL163DB120 AM29DL163DT120, AM29DL163DB120 D163DT12, D163DB12 AM29DL164DT120, AM29DL164DB120 AM29DL164DT120, AM29DL164DB120 D164DT12, D164DB12 Note: Ordering numbers containing PCI are identified on device packages with PI. The same applies to WCI and VI, as well as VRI and UI. |