データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL163DB70PCI データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM29DL163DB70PCI
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL163DB70PCI データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM29DL163DB70PCI Datasheet HTML 3Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 4Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 5Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 6Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 7Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 8Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 9Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 10Page - Advanced Micro Devices AM29DL163DB70PCI Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
May 26, 2004
Am29DL16xD
7
CONNECTION DIAGRAMS
1
16
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
9
10
11
12
13
14
15
48
33
47
46
45
44
43
42
41
40
39
38
37
36
35
34
25
32
31
30
29
28
27
26
A15
A18
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RESET#
NC
WP#/ACC
RY/BY#
A1
A17
A7
A6
A5
A4
A3
A2
A16
DQ2
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Pin Standard TSOP
48-Ball Fine-pitch BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57