データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z8F082ASH020EC データシート(PDF) 24 Page - Zilog, Inc.

部品番号 Z8F082ASH020EC
部品情報  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC データシート(HTML) 24 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 20Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 21Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 22Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 23Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 24Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 25Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 26Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 27Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Overview
Z8 Encore! XP® F08xA Series
Product Specification
6
Interrupt Controller
The Z8 Encore! XP® F08xA Series products support up to 20 interrupts. These interrupts
consist of 8 internal peripheral interrupts and 12 general-purpose I/O pin interrupt sources.
The interrupts have 3 levels of programmable interrupt priority.
Reset Controller
The Z8 Encore! XP® F08xA Series products can be reset using the RESET pin, power-on
reset, Watch-Dog Timer (WDT) time-out, STOP mode exit, or Voltage Brown-Out (VBO)
warning signal. The RESET pin is bi-directional, meaning it functions as reset source as
well as a reset indicator.
On-Chip Debugger
The Z8 Encore! XP® F08xA Series products feature an integrated On-Chip Debugger
(OCD). The OCD provides a rich set of debugging capabilities, such as reading and writ-
ing registers, programming Flash memory, setting breakpoints and executing code. A sin-
gle-pin interface provides communication to the OCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More