| データシートサーチシステム |
|
ASL5015FHV データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL5015FHV データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 69 page ![]() NXP Semiconductors ASL5xxxyHz Matrix LED Controller (MLC) ASL5xxxyHz All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 2.1 — 5 February 2019 11 / 69 Both RXD pins and both TXD pins are internally connected to facilitate single-layer PCB layout without jumpers. 8 Functional description 8.1 Integrated switches for single or multiple LEDs dimming The floating blocks make it possible for the ASL5xxxyHz family (Matrix LED Controller, MLC) to drive 12 single LEDs or multiple LEDs per switch and multiple strings with different currents and string voltages. The 12 independent switches are separated in 4 floating blocks of 3 switches each. Every block can float at 60 V with respect to ground and can be driven separately or as a unique system. Figure 5 and Figure 6 show possible configurations. |