| データシートサーチシステム |
|
AM29DL161DB70WCI データシート(PDF) 10 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL161DB70WCI データシート(HTML) 10 Page - Advanced Micro Devices |
|
10 / 57 page ![]() 10 Am29DL16xD May 26, 2004 PIN DESCRIPTION A0–A19 = 20 Addresses DQ0–DQ14 = 15 Data Inputs/Outputs DQ15/A-1 = DQ15 (Data Input/Output, word mode), A-1 (LSB Address Input, byte mode) CE# = Chip Enable OE# = Output Enable WE# = Write Enable WP#/ACC = Hardware Write Protect/ Acceleration Pin RESET# = Hardware Reset Pin, Active Low BYTE# = Selects 8-bit or 16-bit mode RY/BY# = Ready/Busy Output V CC = 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) V SS = Device Ground NC = Pin Not Connected Internally LOGIC SYMBOL 20 16 or 8 DQ0–DQ15 (A-1) A0–A19 CE# OE# WE# RESET# BYTE# RY/BY# WP#/ACC |