| データシートサーチシステム |
|
DS31256 データシート(PDF) 109 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 データシート(HTML) 109 Page - Maxim Integrated Products |
|
109 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 109 of 183 Figure 9-11. Transmit DMA Memory Organization Free Data Buffer Space Transmit Pending-Queue Descriptors: Contains Index Pointers to Packet Descriptors of Queued Data Buffers that are Ready to be Transmitted Up to 64k dwords Free-Queue Descriptors Allowed Pending-Queue Base Address (32) Pending-Queue End Address (16) Pending-Queue Host Write Pointer (16) Pending-Queue DMA Read Pointer (16) Done-Queue Base Address (32) Done-Queue End Address (16) Done-Queue DMA Write Pointer (16) Done-Queue Host Read Pointer (16) Descriptor Base Address (32) Used Data Buffer Space Main Offboard Memory (32-Bit Address Space) Internal Registers Transmit Done-Queue Descriptors: Contains Index Pointers to Packet Descriptors of Data Buffers that have been Transmitted Up to 64k dwords Done-Queue Descriptors Allowed Transmit Packet Descriptors: Contains 32-Bit Addresses to Data Buffers as well as Status/Control Information and Links to Other Packet Descriptors Up to 64k quad dwords Descriptors Allowed |