| データシートサーチシステム |
|
DS31256+ データシート(PDF) 113 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256+ データシート(HTML) 113 Page - Maxim Integrated Products |
|
113 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 113 of 183 descriptor pointer and PV fields in the packet descriptor to 0 to ready them for transmission). The second option allows the software a cleaner error-recovery technique. See Figure 9-14 for more details. Figure 9-14. Transmit DMA Error Recovery Algorithm Host Actions The host typically handles the transmit DMA as follows: 1) The host places readied packets into the pending queue. 2) The host either polls (or is interrupted) that some outgoing packets have completed transmission and that it should read the done queue. 3) If done queue reports that an error was incurred and that a packet was not transmitted, the host must requeue the packet for transmission. Transmit DMA Actions A typical scenario for the transmit DMA is as follows: 1) The transmit DMA constantly reads the pending queue looking for packets that are queued for transmission. 2) The transmit DMA updates the done queue as packets or data buffers to complete transmission. 3) If an error occurs, the transmit DMA disables the channel and waits for the host to request that the channel be enabled. Read Done Queue Status = 1xx? No Data Buffers and Packet Descriptor Space Available for Reuse Yes Set CHRST = 1 for the Next Descriptor Written to the Pending Queue Set the PV and the Next Pending Descriptor Pointer Fields to 0 in the Errored Packet Descriptor Place the Errored Packet Descriptor Back into the Pending Queue for Retransmission |