データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS31256+ データシート(PDF) 14 Page - Maxim Integrated Products

部品番号 DS31256+
部品情報  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ データシート(HTML) 14 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 10Page - Maxim Integrated Products DS31256+ Datasheet HTML 11Page - Maxim Integrated Products DS31256+ Datasheet HTML 12Page - Maxim Integrated Products DS31256+ Datasheet HTML 13Page - Maxim Integrated Products DS31256+ Datasheet HTML 14Page - Maxim Integrated Products DS31256+ Datasheet HTML 15Page - Maxim Integrated Products DS31256+ Datasheet HTML 16Page - Maxim Integrated Products DS31256+ Datasheet HTML 17Page - Maxim Integrated Products DS31256+ Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
14 of 183
PIN
NAME
TYPE
FUNCTION
T20
LD4
I/O
Local Bus Data Bit 4
R18
LD5
I/O
Local Bus Data Bit 5
P17
LD6
I/O
Local Bus Data Bit 6
R19
LD7
I/O
Local Bus Data Bit 7
R20
LD8
I/O
Local Bus Data Bit 8
P18
LD9
I/O
Local Bus Data Bit 9
P19
LD10
I/O
Local Bus Data Bit 10
P20
LD11
I/O
Local Bus Data Bit 11
N18
LD12
I/O
Local Bus Data Bit 12
N19
LD13
I/O
Local Bus Data Bit 13
N20
LD14
I/O
Local Bus Data Bit 14
M17
LD15
I/O
Local Bus Data Bit 15, MSB
L18
LHLDA (
LBG)
I
Local Bus Hold Acknowledge (Local Bus Grant)
L19
LHOLD (
LBR)
O
Local Bus Hold (Local Bus Request)
M18
LIM
I
Local Bus Intel/Motorola Bus Select
K20
LINT
I/O
Local Bus Interrupt
M19
LMS
I
Local Bus Mode Select
H18
LRD (LDS)
I/O
Local Bus Read Enable (Local Bus Data Strobe)
K18
LRDY
I
Local Bus PCI Bridge Ready
H19
LWR (LR/W)
I/O
Local Bus Write Enable (Local Bus Read/Write Select)
A2, A8, A11, A19,
B2, B18, J18, J19,
K1–K3, L1–L3,
M20, U14, W2, W9,
Y1, Y19
N.C.
—
No Connect. Do not connect any signal to this pin.
V17
PAD0
I/O
PCI Multiplexed Address and Data Bit 0
U16
PAD1
I/O
PCI Multiplexed Address and Data Bit 1
Y18
PAD2
I/O
PCI Multiplexed Address and Data Bit 2
W17
PAD3
I/O
PCI Multiplexed Address and Data Bit 3
V16
PAD4
I/O
PCI Multiplexed Address and Data Bit 4
Y17
PAD5
I/O
PCI Multiplexed Address and Data Bit 5
W16
PAD6
I/O
PCI Multiplexed Address and Data Bit 6
V15
PAD7
I/O
PCI Multiplexed Address and Data Bit 7
W15
PAD8
I/O
PCI Multiplexed Address and Data Bit 8
V14
PAD9
I/O
PCI Multiplexed Address and Data Bit 9
Y15
PAD10
I/O
PCI Multiplexed Address and Data Bit 10
W14
PAD11
I/O
PCI Multiplexed Address and Data Bit 11
Y14
PAD12
I/O
PCI Multiplexed Address and Data Bit 12
V13
PAD13
I/O
PCI Multiplexed Address and Data Bit 13
W13
PAD14
I/O
PCI Multiplexed Address and Data Bit 14
Y13
PAD15
I/O
PCI Multiplexed Address and Data Bit 15
V9
PAD16
I/O
PCI Multiplexed Address and Data Bit 16
U9
PAD17
I/O
PCI Multiplexed Address and Data Bit 17
Y8
PAD18
I/O
PCI Multiplexed Address and Data Bit 18
W8
PAD19
I/O
PCI Multiplexed Address and Data Bit 19
V8
PAD20
I/O
PCI Multiplexed Address and Data Bit 20
Y7
PAD21
I/O
PCI Multiplexed Address and Data Bit 21
W7
PAD22
I/O
PCI Multiplexed Address and Data Bit 22
V7
PAD23
I/O
PCI Multiplexed Address and Data Bit 23
U7
PAD24
I/O
PCI Multiplexed Address and Data Bit 24
V6
PAD25
I/O
PCI Multiplexed Address and Data Bit 25
Y5
PAD26
I/O
PCI Multiplexed Address and Data Bit 26