データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL162DB70PCF データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM29DL162DB70PCF
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL162DB70PCF データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM29DL162DB70PCF Datasheet HTML 4Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 5Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 6Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 7Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 8Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 9Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 10Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 11Page - Advanced Micro Devices AM29DL162DB70PCF Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
Am29DL16xD
May 26, 2004
CONNECTION DIAGRAMS
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
NC
NC
NC
VSS
DQ15/A-1
BYTE#
A16
A15
A14
A12
DQ6
DQ13
DQ14
DQ7
A11
A10
A8
DQ4
VCC
DQ12
DQ5
A19
NC
RESET#
DQ3
DQ11
DQ10
DQ2
NC
A18
WP#/ACC
DQ1
DQ9
DQ8
DQ0
A5
A6
A17
A3
A4
A5
A6
A7
A8
NC
A13
A9
WE#
RY/BY#
A7
B2
C2
D2
E2
F2
G2
H2
VSS
OE#
CE#
A0
A1
A2
A4
A2
A3
B1
C1
D1
E1
F1
G1
H1
NC
NC
NC
NC
NC
NC
NC
A1
NC
64-Ball Fortified BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57