データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL161DT90PCF データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 AM29DL161DT90PCF
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL161DT90PCF データシート(HTML) 9 Page - Advanced Micro Devices

Back Button AM29DL161DT90PCF Datasheet HTML 5Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 6Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 7Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 8Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 9Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 10Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 11Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 12Page - Advanced Micro Devices AM29DL161DT90PCF Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
May 26, 2004
Am29DL16xD
9
Special Package Handling Instructions
Special handling is required for Flash Memory prod-
ucts in molded packages (BGA, TSOP, SO, PLCC,
PDIP). The package and/or data integrity may be com-
prom is ed if the pac k age body is ex pos ed to
temperatures above 150
°C for prolonged periods of
time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball Very Thin Profile Fine-pitch BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57