| データシートサーチシステム |
|
ZLP12840 データシート(PDF) 28 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZLP12840 データシート(HTML) 28 Page - Zilog, Inc. |
|
28 / 58 page ![]() PS024406-0106 P R E L I M I N A R Y Port 3 ZLP12840 OTP MCU Product Specification 17 2 Port 3 also provides output for each of the counter/timers and the AND/OR Logic (see Figure 7). Control is performed by programming CTR1 bits 5 and 4, CTR0 bit 0, and CTR2 bit 0. Table 8. Summary of Port 3 Pin Functions Pin I/O Counter/Timers Comparator Interrupt IRAMP UART P30 IN REF1 P31 IN IN AN1 IRQ2 IR1 P32 IN AN2 IRQ0 UART Rx P33 IN REF2 IRQ1 P34 OUT T8 AO1 IROUT P35 OUT T16 P36 OUT T8/T16 P37 OUT AO2 |