データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSCSM170HM45CT3AG データシート(PDF) 12 Page - Microchip Technology

部品番号 MSCSM170HM45CT3AG
部品情報  Full Bridge SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170HM45CT3AG データシート(HTML) 12 Page - Microchip Technology

Back Button MSCSM170HM45CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 9Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 10Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 11Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 12Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 13Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 14Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 15Page - Microchip Technology MSCSM170HM45CT3AG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2.
Package Specifications
The following section shows the package specification of the MSCSM170HM45CT3AG device.
2.1
Package Outline
The following figure shows the package outline drawing of the MSCSM170HM45CT3AG device. The dimensions in
the following figure are in millimeters.
Figure 2-1. Package Outline Drawing
Note:  See AN3500A—Mounting Instructions for SP1F and SP3F Power Modules for more information.
MSCSM170HM45CT3AG
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003954A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17