データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL162DB70WCF データシート(PDF) 57 Page - Advanced Micro Devices

部品番号 AM29DL162DB70WCF
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL162DB70WCF データシート(HTML) 57 Page - Advanced Micro Devices

Back Button AM29DL162DB70WCF Datasheet HTML 49Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 53Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 54Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 55Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 56Page - Advanced Micro Devices AM29DL162DB70WCF Datasheet HTML 57Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
May 26, 2004
Am29DL16xD
57
Revision E + 2 (February 14, 2003)
Global
Added VBF048 package, Very Thin Profile Fine Pitch
Ball Grid Array, to Distinctive Characteristics, General
Description, Ordering Information, Connection Dia-
grams, and Physical Dimensions sections.
Revision E+3 (February 25, 2004)
AC Characteristics
Corrected t
SR/W in Figure 20, Back-to-back Read/Write
Cycle Timings.
Revision E+4 (May 26, 2004)
Ordering Information
Added Pb-Free OPNs.
Trademarks
Copyright © 2004 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57