| データシートサーチシステム |
|
54ABT373CMSACQB データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54ABT373CMSACQB データシート(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 16 page ![]() Capacitance Symbol Parameter Typ Units Conditions (TA e 25 C) CIN Input Capacitance 5 pF VCC e 0V COUT (Note 1) Output Capacitance 9 pF VCC e 50V Note 1 COUT is measured at frequency f e 1 MHz per MIL-STD-883B Method 3012 tPLH vs Temperature (TA) CL e 50 pF 1 Output Switching Data to Output TLF11547 – 11 tPHL vs Temperature (TA) CL e 50 pF 1 Output Switching Data to Output TLF11547 – 12 tPZH vs Temperature (TA) CL e 50 pF 1 Output Switching OE to Output TLF11547 – 13 tPZL vs Temperature (TA) CL e 50 pF 1 Output Switching OE to Output TLF11547 – 14 tPHZ vs Temperature (TA) CL e 50 pF 1 Output Switching OE to Output TLF11547 – 15 tPLZ vs Temperature (TA) CL e 50 pF 1 Output Switching OE to Output TLF11547 – 16 Dashed lines represent design characteristics for specified guarantees refer to AC Characteristics Tables 6 |