データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCRT-WCC データシート(PDF) 42 Page - List of Unclassifed Manufacturers

部品番号 BCRT-WCC
部品情報  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WCC データシート(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button BCRT-WCC Datasheet HTML 38Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 39Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 40Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 41Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 42Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 43Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Packaging-3
132-Lead Flatpack (25-MIL Lead Spacing)
SIDE VIEW
TOP VIEW
BOTTOM VIEW A-A
DETAIL A
0.018 MAX. REF.
0.014 MAX. REF.
(At Braze Pads)
L
0.250
MIN.
REF.
LEAD KOVAR
SEE DETAIL A
A
A
C
0.005 + 0.002
- 0.001
A
0.110
0.006
D1/E1
0.950 ± 0.015 SQ.
D/E
1.525 ± 0.015 SQ.
PIN 1 I.D.
(Geometry
Optional)
e
0.025
Notes:
1. All package finishes are per MIL-M-38510.
2. Letter designations are for cross-reference to MIL-M-38510.
S1
0.005 MIN. TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52