データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1242080000 データシート(PDF) 2 Page - Weidmuller

部品番号 1242080000
部品情報  Serial / Ethernet converter, 2x RJ45, 1x DB9 for RS-232
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEIDMULLER [Weidmuller]
ホームページ  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1242080000 データシート(HTML) 2 Page - Weidmuller

  1242080000 Datasheet HTML 1Page - Weidmuller 1242080000 Datasheet HTML 2Page - Weidmuller 1242080000 Datasheet HTML 3Page - Weidmuller 1242080000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
 
IE-CS-2TX-1RS232/485
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:32:31 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
105 mm
  Depth (inches)
4.134 inch
Height
140 mm
  Height (inches)
5.512 inch
Width
36 mm
  Width (inches)
1.417 inch
Net weight
475 g
   
 
Temperatures
 
Storage temperature
-40 °C...85 °C
  Operating temperature
0 °C...60 °C
Humidity
5 to 95 % (non-
condensing)
   
 
Environmental Product Compliance
 
REACH SVHC
Lead 7439-92-1
   
 
EMC conformity and approvals
 
EMC standards
FCC Part 15 Subpart
B Class A, EN 55022
Class A, EN 61000-4-2
(ESD), Stage 3, EN
61000-4-3 (RS), Stage
3, EN 61000-4-4 (EFT),
level 4, EN 61000-4-5
(Surge), Stage 3, EN
61000-4-6 (CS), Stage
3, EN 61000-4-8, EN
61000-4-11
  Explosive risk zone
UL/cUL, Class I, Division
2, Groups A, B, C and D,
ATEX Zone 2 Ex nA nC IIC
T3 Gc
Free fall
According to IEC
60068-2-32
  Safety standard
UL508
Shock
according to IEC
60068-2-27
  Vibration
according to IEC
60068-2-6
 
Environmental conditions
 
Humidity
5 to 95 % (non-
condensing)
  Operating temperature, max.
60 °C
Operating temperature, min.
0 °C
  Storage temperature, max.
85 °C
Storage temperature, min.
-40 °C
   
 
Guarantee
 
Time interval
5 years
   
 
Interfaces
 
Ethernet cable protection
1 kV (Level 2) surge
protection
  Ethernet ports
2
Interface standards
RS-232/422/485
  Magnetic isolation protection
1.5 kV built-in
RJ45 ports
10/100BaseT(X), Auto
MDI/MDI-X port
  RS485 data direction control
ADDC® (automatic data
direction control)
Serial cable protection
15 kV ESD protection for
all signals, 1 kV (Level 2)
surge protection
  Serial port
DB9 RS-232, Terminal
block for RS-422/485
Serial ports
1
   
 



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com