| データシートサーチシステム |
|
TC80310 データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TC80310 データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 31 page ![]() 2 NXP Semiconductors 80310 1 Device variations Table 1. Version determined electrical parameters Version Self- start Self- start Thresh old (RPM) Phase sensitiv ity (V) Defau lt Regul ation Voltag e (V) Fstart (RPM) Fstop (RPM ) LRC Rate( s) LRC disabl e (RPM) Crest Regulati on BUS inactivity (s) Defaul t LIN Reado ut Thermal Fault Thresho ld (°C) Thermal Compens ation threshold (°C) Speci al LIN Featur e Altern ator pole- pair Slave Addre ss Activ e/ Not Activ e 3000/ 4000 0.45/ 0.9/ 1.35/ 1.8 13.5 to 15 (100 mV steps) 800/ 1050/ 1300/ 1550/ 1800/ 2050/ 2300/ 2500 500/ 650/ 850/ 1000 0/3/ 6.4/ 12.3 2400/ 3000/ 4000/ Never Active / Not Active 1.31 / 3 T°/ Curren t 135/ 145/ 150/160 135/145/ 150/160 Active/ Not Active 6/8 A/B Versions TO3 Activ e 3000 0.45 14.3 800 500 3 3000 Not active 3 Curren t 145 145 Active 6 A Devices part numbers are dependant on programming from factory. TC80310AxHWS Various configurations are available and are programmable by OTP at the NXP factory. Please contact your NXP sales representative for further details, based on your system requirements, and solutions available. The LIN MID 0x27 is reserved for this revision. TC80310BxHWS Various configurations are available and are programmable by OTP at the NXP factory. Please contact your NXP sales representative for further details, based on your system requirements, and solutions available. The LIN MID 0x27 can be used for this revision |