データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MWPR1516CFM データシート(PDF) 2 Page - NXP Semiconductors

部品番号 MWPR1516CFM
部品情報  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM データシート(HTML) 2 Page - NXP Semiconductors

  MWPR1516CFM Datasheet HTML 1Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 2Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 3Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Ordering Information
Part Number1
Memory
Maximum number of I\O's
Flash (KB)
SRAM (KB)
MWPR1516CFM(R)
16
4
13
MWPR1516CALR
16
4
13
1. To confirm current availability of ordererable part numbers, go to http://www.freescale.com and perform a part number
search.
Related Resources
Type
Description
Resource
Selector Guide The Freescale Solution Advisor is a web-based tool that features
interactive application wizards and a dynamic product selector.
Solution Advisor
Product Brief
The Product Brief contains concise overview/summary information to
enable quick evaluation of a device for design suitability.
WPR1516PB1
Reference
Manual
The Reference Manual contains a comprehensive description of the
structure and function (operation) of a device.
WPR1516RM1
Chip Errata
The chip mask set Errata provides additional or corrective
information for a particular device mask set.
WPR1516_0N49M1
Package
drawing
Package dimensions are provided in package drawings.
QFN 32-pin: 98ASA00615D1
WLCSP 36-pin: 98ASA00789D1
1. To find the associated resource, go to http://www.freescale.com and perform a search using this term.
Figure 1 shows the functional modules in the chip.
2
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38