| データシートサーチシステム |
|
P87LPC779 データシート(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC779 データシート(HTML) 48 Page - NXP Semiconductors |
|
48 / 74 page ![]() Philips Semiconductors P87LPC779 CMOS single-chip 8-bit microcontroller Product data Rev. 02 — 03 May 2004 48 of 74 9397 750 13213 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 8.15.7 Using Timer1 to generate baud rates When Timer1 is used as the baud rate generator, the baud rates in Modes 1 and 3 are determined by the Timer1 overflow rate and the value of SMOD1. The Timer1 interrupt should be disabled in this application. The Timer itself can be configured for either ‘timer’ or ‘counter’ operation, and in any of its 3 running modes. In the most typical applications, it is configured for ‘timer’ operation, in the auto-reload mode (high nibble of TMOD = 0010b). In that case the baud rate is given by the formula: (5) Tables 39 and 40 list various commonly used baud rates and how they can be obtained using Timer1 as the baud rate generator. Mode 1, 3 baud rate CPU clock frequency / 192 (or 96 if SMOD 1 = 1) 256 TH 1 () – ------------------------------------------------------------------------------------------------------------------------- = Table 39: Baud rates, timer values, and CPU clock frequencies for SMOD1 = 0 Timer Count Baud Rate 2400 4800 9600 19.2 k 38.4 k 57.6 k −1 0.4608 0.9216 * 1.8432 * 3.6864 * 7.3728 * 11.0592 −2 0.9216 1.8432 * 3.6864 * 7.3728 * 14.7456 −3 1.3824 2.7648 5.5296 * 11.0592 - - −4 * 1.8432 * 3.6864 * 7.3728 * 14.7456 - - −5 2.3040 4.6080 9.2160 * 18.4320 - - −6 2.7648 5.5296 * 11.0592 - - - −7 3.2256 6.4512 12.9024 - - - −8 * 3.6864 * 7.3728 * 14.7456 - - - −9 4.1472 8.2944 16.5888 - - - −10 4.6080 9.2160 * 18.4320 - - - Table 40: Baud rates, timer values, and CPU clock frequencies for SMOD1 = 1 Timer Value Baud Rate 2400 4800 9600 19.2 k 38.4 k 57.6 k 115.2 k −1 0.2304 0.4608 0.9216 * 1.8432 * 3.6864 5.5296 * 11.0592 −2 0.4608 0.9216 * 1.8432 * 3.6864 * 7.3728 * 11.0592 - −3 0.6912 1.3824 2.7648 5.5296 * 11.0592 16.5888 - −4 0.9216 * 1.8432 * 3.6864 * 7.3728 * 14.7456 - - −5 1.1520 2.3040 4.6080 9.2160 * 18.4320 - - −6 1.3824 2.7648 5.5296 * 11.0592 - - - −7 1.6128 3.2256 6.4512 12.9024 - - - −8 * 1.8432 * 3.6864 * 7.3728 * 14.7456 - - - −9 2.0736 4.1472 8.2944 16.5888 - - - −10 2.3040 4.6080 9.2160 * 18.4320 - - - −11 2.5344 5.0688 10.1376 - - - - −12 2.7648 5.5296 * 11.0592 - - - - −13 2.9952 5.9904 11.9808 - - - - −14 3.2256 6.4512 12.9024 - - - - |