データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP5360ACBZ-2-R7 データシート(PDF) 11 Page - Analog Devices

部品番号 ADP5360ACBZ-2-R7
部品情報  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 データシート(HTML) 11 Page - Analog Devices

Back Button ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 11 of 60
Ball No.
Mnemonic
Description
E1
SW1
Switching Node for Buck Regulator.
E2
EN1
Hardware Enable for Buck Regulators.
E3
RESET
Reset Output.
E4
MR
Manual Reset Input.
E5
ICS
Set Charge Current. Connect one resistor to ground to set the default charge current. Float the pin to disable the
pin select feature and use the register default set.
E6
VSYS
Linear Charger, Supply Side Input to the Internal Isolation FET.
F1
PGND1
Power Ground for the Buck Regulator.
F2
VIN1
Input Power for the Buck Regulator.
F3
ENCHG
Logic Input for the Enable Charger Function.
F4
AGND1
Analog Ground.
F5
VDD
Internal Circuit Power Supply.
F6
VBUS
Power Connection to USB VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60