データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSCSM170AM15CT3AG データシート(PDF) 2 Page - Microchip Technology

部品番号 MSCSM170AM15CT3AG
部品情報  Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM15CT3AG データシート(HTML) 2 Page - Microchip Technology

  MSCSM170AM15CT3AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Features
The following are the key features of MSCSM170AM15CT3AG device:
• SiC Power MOSFET
– High speed switching
– Low RDS(on)
– Ultra low loss
• SiC Schottky Diode
– Zero reverse recovery
– Zero forward recovery
– Temperature independent switching behavior
– Positive temperature coefficient on VF
• Low stray inductance
• Kelvin source for easy drive
• Internal thermistor for temperature monitoring
• Aluminum Nitride (AlN) substrate for improved thermal performance
Benefits
The following are the benefits of MSCSM170AM15CT3AG device:
• High efficiency converter
• Outstanding performance at high frequency operation
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• Solderable terminals both for power and signal for easy PCB mounting
• Low profile
• RoHS compliant
Applications
The following are the applications of MSCSM170AM15CT3AG device:
• Induction heating and welding
• Solar inverter
• EV motor and traction drive
MSCSM170AM15CT3AG
© 2021 Microchip Technology Inc.
Datasheet
DS00003932A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17