データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO6720 データシート(PDF) 45 Page - Texas Instruments

部品番号 ISO6720
部品情報  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ISO6720 データシート(HTML) 45 Page - Texas Instruments

Back Button ISO6720_V02 Datasheet HTML 41Page - Texas Instruments ISO6720_V02 Datasheet HTML 42Page - Texas Instruments ISO6720_V02 Datasheet HTML 43Page - Texas Instruments ISO6720_V02 Datasheet HTML 44Page - Texas Instruments ISO6720_V02 Datasheet HTML 45Page - Texas Instruments ISO6720_V02 Datasheet HTML 46Page - Texas Instruments ISO6720_V02 Datasheet HTML 47Page - Texas Instruments ISO6720_V02 Datasheet HTML 48Page - Texas Instruments ISO6720_V02 Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ISO6720BDR
SOIC
D
8
3000
853.0
449.0
35.0
ISO6720FBDR
SOIC
D
8
3000
853.0
449.0
35.0
ISO6721BDR
SOIC
D
8
3000
853.0
449.0
35.0
ISO6721FBDR
SOIC
D
8
3000
853.0
449.0
35.0
ISO6721RBDR
SOIC
D
8
3000
853.0
449.0
35.0
ISO6721RFBDR
SOIC
D
8
3000
853.0
449.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Oct-2021
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49