| データシートサーチシステム |
|
MPC8544EBVTALFA データシート(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8544EBVTALFA データシート(HTML) 100 Page - NXP Semiconductors |
|
100 / 117 page ![]() MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 100 Freescale Semiconductor Thermal International Electronic Research Corporation (IERC)818-842-7277 413 North Moss St. Burbank, CA 91502 Internet: www.ctscorp.com Millennium Electronics (MEI)408-436-8770 Loroco Sites 671 East Brokaw Road San Jose, CA 95112 Internet: www.mei-thermal.com Tyco Electronics800-522-6752 Chip Coolers™ P.O. Box 3668 Harrisburg, PA 17105-3668 Internet: www.chipcoolers.com Wakefield Engineering603-635-2800 33 Bridge St. Pelham, NH 03076 Internet: www.wakefield.com Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Several heat sinks offered by Aavid Thermalloy, Advanced Thermal Solutions, Alpha Novatech, IERC, Chip Coolers, Millennium Electronics, and Wakefield Engineering offer different heat sink-to-ambient thermal resistances, that will allow the MPC8544E to function in various environments. 20.3.1 Internal Package Conduction Resistance For the packaging technology, shown in Table 70, the intrinsic internal conduction thermal resistance paths are as follows: • The die junction-to-case thermal resistance • The die junction-to-board thermal resistance |