| データシートサーチシステム |
|
MPC8533EVJALGA データシート(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8533EVJALGA データシート(HTML) 95 Page - NXP Semiconductors |
|
95 / 112 page ![]() MPC8533E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8 Freescale Semiconductor 95 Thermal International Electronic Research Corporation (IERC)818-842-7277 413 North Moss St. Burbank, CA 91502 Internet: www.ctscorp.com Millennium Electronics (MEI)408-436-8770 Loroco Sites 671 East Brokaw Road San Jose, CA 95112 Internet: www.mei-thermal.com Tyco Electronics800-522-6752 Chip Coolers™ P.O. Box 3668 Harrisburg, PA 17105-3668 Internet: www.chipcoolers.com Wakefield Engineering603-635-2800 33 Bridge St. Pelham, NH 03076 Internet: www.wakefield.com Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Several heat sinks offered by Aavid Thermalloy, Advanced Thermal Solutions, Alpha Novatech, IERC, Chip Coolers, Millennium Electronics, and Wakefield Engineering offer different heat sink-to-ambient thermal resistances, that will allow the MPC8533E to function in various environments. 20.3.1 Internal Package Conduction Resistance For the packaging technology, shown in Table 65, the intrinsic internal conduction thermal resistance paths are as follows: • The die junction-to-case thermal resistance • The die junction-to-board thermal resistance |