データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8544EBVTARGA データシート(PDF) 53 Page - NXP Semiconductors

部品番号 MPC8544EBVTARGA
部品情報  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTARGA データシート(HTML) 53 Page - NXP Semiconductors

Back Button MPC8544EBVTARGA Datasheet HTML 49Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 50Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 51Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 52Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 53Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 54Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 55Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 56Page - NXP Semiconductors MPC8544EBVTARGA Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
53
Local Bus
Figure 31. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 4 (PLL Bypass Mode)
tLBIVKH1
tLBIXKL2
Internal Launch/Capture Clock
UPM Mode Input Signal:
LUPWAIT
T1
T3
Input Signals:
LAD[0:31]/LDP[0:3]
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:7]/LWE
tLBKLOV1
tLBKLOZ1
LCLK
tLBKLOX1
tLBIXKH1
GPCM Mode Input Signal:
LGTA
tLBIVKL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More