| データシートサーチシステム |
|
ML7005MB データシート(PDF) 20 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML7005MB データシート(HTML) 20 Page - OKI electronic componets |
|
20 / 25 page ![]() ¡ Semiconductor ML7005 20/24 Figure 9 FX Input Level Adjustment Processing the Input Pin when the DTMF Receiver and CPT Detector are not Used Process the Input pin according to the method shown in the figure 10. – + RF C8 IN FXDIM Gain = RG RF £ 10 RG FXDIO FX Detector Input Level Adjustment Adjust the input level according to the method shown in the figure 9. Determine the value of a usable resistor so that the output level of FXDIO is less than the maximum detect level described in the AC Characteristics. Figure 10 Processing the Unused Input Pin – + DTRIP (CPDIP) DTRIM (CPDIM) SG DTRIO (CPDIO) |