| データシートサーチシステム |
|
ADP1048WARQZ-R7 データシート(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1048WARQZ-R7 データシート(HTML) 42 Page - Analog Devices |
|
42 / 82 page ![]() ADP1048W Data Sheet STANDARD PMBus COMMANDS SUPPORTED BY THE ADP1048W Table 15 lists the standard PMBus commands that are implemented on the ADP1048W. Many of these commands are implemented in registers, which share the same hexadecimal value as the PMBus command code. Table 15. Standard PMBus Commands Command Code Command Name 0x01 OPERATION 0x02 ON_OFF_CONFIG 0x03 CLEAR_FAULTS 0x10 WRITE_PROTECT 0x12 RESTORE_DEFAULT_ALL 0x15 STORE_USER_ALL 0x16 RESTORE_USER_ALL 0x19 CAPABILITY 0x20 VOUT_MODE 0x21 VOUT_COMMAND 0x29 VOUT_SCALE_LOOP 0x2A VOUT_SCALE_MONITOR 0x35 VIN_ON 0x36 VIN_OFF 0x40 VOUT_OV_FAULT_LIMIT 0x41 VOUT_OV_FAULT_RESPONSE 0x42 VOUT_OV_WARN_LIMIT 0x43 VOUT_UV_WARN_LIMIT 0x44 VOUT_UV_FAULT_LIMIT 0x45 VOUT_UV_FAULT_RESPONSE 0x50 OT_FAULT_RESPONSE 0x55 VIN_OV_FAULT_LIMIT 0x56 VIN_OV_FAULT_RESPONSE 0x58 VIN_UV_WARN_LIMIT 0x59 VIN_UV_FAULT_LIMIT 0x5A VIN_UV_FAULT_RESPONSE 0x5B IIN_OC_FAULT_LIMIT 0x5C IIN_OC_FAULT_RESPONSE 0x5D IIN_OC_WARN_LIMIT 0x6B PIN_OP_WARN_LIMIT 0x78 STATUS_BYTE 0x79 STATUS_WORD 0x7A STATUS_VOUT Command Code Command Name 0x7C STATUS_INPUT 0x7D STATUS_TEMPERATURE 0x88 READ_VIN 0x89 READ_IIN 0x8B READ_VOUT 0x97 READ_PIN 0x98 PMBUS_REVISION 0x99 MFR_ID 0x9A MFR_MODEL 0x9B MFR_REVISION 0xB0 EEPROM_DATA_00 0xB1 EEPROM_DATA_01 0xB2 EEPROM_DATA_02 0xB3 EEPROM_DATA_03 0xB4 EEPROM_DATA_04 0xB5 EEPROM_DATA_05 0xB6 EEPROM_DATA_06 0xB7 EEPROM_DATA_07 0xB8 EEPROM_DATA_08 0xB9 EEPROM_DATA_09 0xBA EEPROM_DATA_10 0xBB EEPROM_DATA_11 0xBC EEPROM_DATA_12 0xBD EEPROM_DATA_13 0xBE EEPROM_DATA_14 0xBF EEPROM_DATA_15 0xD1 EEPROM_CRC_CHKSUM 0xD2 EEPROM_NUM_RD_BYTES 0xD3 EEPROM_ADDR_OFFSET 0xD4 EEPROM_PAGE_ERASE 0xD5 EEPROM_PASSWORD 0xD6 TRIM_PASSWORD 0xF1 EEPROM_INFO Rev. 0 | Page 42 of 82 |