データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP5014ACPZ-R7 データシート(PDF) 33 Page - Analog Devices

部品番号 ADP5014ACPZ-R7
部品情報  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 データシート(HTML) 33 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 33 of 34
FACTORY PROGRAMMABLE OPTIONS
FACTORY DEFAULT OPTIONS
Table 13 lists the factory default options programmed into the ADP5014 when the device is ordered (see the Ordering Guide). To order
the device with options other than the default options, contact your local Analog Devices sales or distribution representative.
Table 13. Factory Default Options
Option
Default Value
Channel 1 Output Voltage
Adjustable output
Channel 2 Output Voltage
Adjustable output
Channel 3 Output Voltage
Adjustable output
Channel 4 Output Voltage
Adjustable output
PWRGD Pin Output
Monitor all Channel 4 outputs (enabled by the CFG2 configuration)
Output Discharge Function
Enabled for all four buck regulators
Hiccup Detection
Hiccup protection enabled for overcurrent events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34