| データシートサーチシステム |
|
USB7016-I/KDX データシート(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016-I/KDX データシート(HTML) 20 Page - Microchip Technology |
|
20 / 59 page ![]() USB7016 DS00003740A-page 20 2021 Microchip Technology Inc. TABLE 3-6: PROGRAMMABLE FUNCTIONS DESCRIPTIONS Function Buffer Type Description If Unused Master SMBus/I2C Interface MSTR_I2C_CLK I/O12 Bridging Master SMBus/I2C controller clock (SMBus/I2C controller 1). External 1k-10k pull-up resistors to 3.3V are required if the I2C Master Interface is to be used. Weak pull- down to GND MSTR_I2C_DATA I/O12 Bridging Master SMBus/I2C controller data (SMBus/I2C controller 1). External 1k-10k pull-up resistors to 3.3V are required if the I2C Master Interface is to be used. Weak pull- down to GND Slave SMBus/I2C Interface SLV_I2C_CLK I/O12 Slave SMBus/I2C controller clock (SMBus/I2C controller 2). Exter- nal 1k-10k pull-up resistors to 3.3V are required if the I2C Slave Interface is to be used. Weak pull- down to GND SLV_I2C_DATA I/O12 Slave SMBus/I2C controller data (SMBus/I2C controller 2). External 1k-10k pull-up resistors to 3.3V are required if the I2C Slave Inter- face is to be used. Weak pull- down to GND I2S Interface I2S_SDI I I2S Serial Data In Weak pull- down to GND I2S_SDO O12 I2S Serial Data Out Weak pull- down to GND I2S_SCK O12 I2S Continuous Serial Clock Weak pull- down to GND I2S_LRCK O12 I2S Word Select / Left-Right Clock Weak pull- down to GND I2S_MCLK O12 I2S Master Clock Weak pull- down to GND MIC_DET I I2S Microphone Plug Detect 0 = No microphone plugged into the audio jack 1 = Microphone plugged into the audio jack Weak pull- down to GND |