| データシートサーチシステム |
|
USB7016T-I/KDX データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016T-I/KDX データシート(HTML) 56 Page - Microchip Technology |
|
56 / 59 page ![]() USB7016 DS00003740A-page 56 2021 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [X] XXX Package Temperature Range Device Device: USB7016 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial/Automotive Grade 3) Package: KDX = 100-pin VQFN Automotive Code: Vxx = 3 character code with “V” prefix, specifying automotive product Examples: a) USB7016/KDX Tray, 0C to +70C, 100-pin VQFN b) USB7016T/KDX Tape & reel, 0C to +70C, 100-pin VQFN c) USB7016-I/KDX Tray, -40C to +85C, 100-pin VQFN d) USB7016T-I/KDX Tape & reel, -40C to +85C, 100-pin VQFN e) USB7016-I/KDXVAO Tray, -40C to +85C, Automotive Grade 3, 100-pin VQFN f) USB7016T-I/KDXVAO Tape & reel, -40C to +85C, Automotive Grade 3, 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - / XXX Automotive Code |