データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BSP00LF データシート(PDF) 1 Page - Balluff Korea Ltd.

部品番号 BSP00LF
部品情報  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00LF データシート(HTML) 1 Page - Balluff Korea Ltd.

  BSP00LF Datasheet HTML 1Page - Balluff Korea Ltd. BSP00LF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Sensors
BSP B060-DV004-A08A1A-S4-005
Order Code: BSP00LF
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 238544
ETIM 6.0: EC000243
BSP00LF_0.51_2021-08-31
1 / 2
Basic features
Approval/Conformity
CE
UKCA
cULus
EAC
WEEE
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Electrical version
2-wire
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
25 mA
Load cycles
100 mil.
Operating voltage Ub
8...32 VDC
Protection class
III
Environmental conditions
Ambient temperature
-25...85 °C
Compensation temperature
0...70 °C
EN 60068-2-27, Shock
500 g, 1 ms
EN 60068-2-6, Vibration
10 g, 25…2000 Hz
IP rating
IP67
Interference immunity
EN 61326-2-3: 2013
Media temperature
-40...125 °C
Noise emission
EN 61326-2-3: 2013
Storage temperature
-40...85 °C
Temperature coefficient typ.
≤ ±0.3 % FSO/10K
Functional safety
MTTF (40 °C)
1388 a
Interface
Analog output
Analog, current 4…20 mA
Material
Connector housing, material
Nickel-plated brass
Gasket, material
without, welded
Housing material
1.4301 stainless steel
Measuring cell, material
1.4542 stainless steel
Process connection material
1.4571 stainless steel
Mechanical data
Process connection
G 1/4" with pulse protection
Pulse protection
Throttle screw 0.3 mm
Tightening torque max.
5 Nm
Weight
120 g
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
280 bar
Long-term stability max.
0.3 % FSO/year
Measuring range
0...60 bar
Overload pressure
140 bar
Resolution
≤ 14 bits
Response time max.
18 ms
Sampling rate
1 ms


同様の部品番号 - BSP00LF

メーカー部品番号データシート部品情報
logo
Balluff Korea Ltd.
BSP00L0 BALLUFF-BSP00L0 Datasheet
121Kb / 2P
Pressure Sensors
0.51_2021-08-31
BSP00L1 BALLUFF-BSP00L1 Datasheet
121Kb / 2P
Pressure Sensors
0.53_2021-08-31
BSP00L8 BALLUFF-BSP00L8 Datasheet
120Kb / 2P
Pressure Sensors
0.53_2021-10-06
BSP00L9 BALLUFF-BSP00L9 Datasheet
123Kb / 2P
Pressure Sensors
0.49_2021-08-31
BSP00LE BALLUFF-BSP00LE Datasheet
123Kb / 2P
Pressure Sensors
0.51_2021-08-31
More results

同様の説明 - BSP00LF

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com