データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP8140ACPZ-2-R7 データシート(PDF) 5 Page - Analog Devices

部品番号 ADP8140ACPZ-2-R7
部品情報  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 データシート(HTML) 5 Page - Analog Devices

  ADP8140ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADP8140
Rev. B | Page 5 of 23
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Channel Overvoltage
Threshold
VCH_OVP
Threshold on SINKx to trigger CH_OVP fault
5.3
5.7
6.1
V
Channel Overvoltage
Hysteresis
VCH_OVP_HYS
Hysteresis after VCH_OVP is triggered
1.2
V
Short SINKx Fault Threshold
VSFD_SHORT
SINKx pin voltage threshold to remove a sink from
the feedback loop after a CH_OVP fault
525
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23