データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5013 データシート(PDF) 23 Page - ams AG

部品番号 AS5013
部品情報  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5013 データシート(HTML) 23 Page - ams AG

Back Button AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
ams Datasheet
Page 23
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
SDA, SCL Input Filters
Input filters for SDA and SCL inputs are included to suppress
noise spikes of less than 50ns. Furthermore, the SDA line is
delayed by 120ns to provide an internal hold time for Start/Stop
detection to bridge the undefined region of the falling edge of
SCL. The delay needs to be smaller than tHD.STA 260ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50