データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL257 データシート(PDF) 5 Page - ams AG

部品番号 TSL257
部品情報  High-Sensitivity Light-to-Voltage Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TSL257 データシート(HTML) 5 Page - ams AG

  TSL257 Datasheet HTML 1Page - ams AG TSL257 Datasheet HTML 2Page - ams AG TSL257 Datasheet HTML 3Page - ams AG TSL257 Datasheet HTML 4Page - ams AG TSL257 Datasheet HTML 5Page - ams AG TSL257 Datasheet HTML 6Page - ams AG TSL257 Datasheet HTML 7Page - ams AG TSL257 Datasheet HTML 8Page - ams AG TSL257 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ams Datasheet
Page 5
[v1-00] 2016-Jul-25
Document Feedback
TSL257 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Operating Conditions
All defined tolerances for external components in this
specification need to be assured over the whole operation
condition range and also over lifetime.
Figure 7:
Recommended Operating Conditions
Figure 8:
Electrical Characteristics at VDD = 5V, TA = 25°C, λp = 470nm, RL = 10kΩ (unless otherwise noted)
(1) (2)
Symbol
Parameter
Min
Nom
Max
Unit
VDD
Supply voltage
2.7
5.5
V
TA
Operating free-air temperature range
0
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VD
Dark voltage
Ee = 0
015
mV
VOM
Maximum output voltage
swing
VDD = 4.5V, No Load
4.49
V
VDD = 4.5V, RL = 10kΩ
44.2
VO
Output voltage
Ee = 1.54μW/cm
2,
λp = 470nm
(4)
1.622.4
V
αVD
Temperature coefficient of
dark voltage (VD)
TA = 0°C to 70°C
-15
μV/°C
Ne
Irradiance responsivity
λp = 428nm
(3), (7)
1.18
V/
(μW/cm2)
λp = 470nm
(4), (7)
1.30
λp = 565nm
(5), (7)
1.58
λp = 645nm
(6), (7)
1.68
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com