データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESP-PSRAM64H データシート(PDF) 19 Page - List of Unclassifed Manufacturers

部品番号 ESP-PSRAM64H
部品情報  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H データシート(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 15Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 16Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 17Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 18Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 19Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 20Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 21Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 22Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
"
8. Reset Operation
8.
Reset Operation
The reset operation is used as a system (software) reset that puts the device in SPI standby mode,
which is also the default mode after power-up. This operation is based on two commands: Reset-
Enable (RSTEN) and Reset (RST).
"
Figure 8-1. SPI Reset
"
Figure 8-2. QPI Reset
The Reset command has to immediately follow the Reset-Enable command in order for the reset
operation to take effect. Any other command after Reset-Enable will prompt the device to exit the
Reset-Enable state and abandon the reset operation.
Espressif Systems
" /"
2018.06
15 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26