データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF85363ATL/A データシート(PDF) 84 Page - NXP Semiconductors

部品番号 PCF85363ATL/A
部品情報  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A データシート(HTML) 84 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 78Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 79Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 80Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 81Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 82Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 83Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 84Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 85Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 86Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Tab. 73. Revision history ...............................................80
Figures
Fig. 1.
Block diagram of PCF85363A ...........................3
Fig. 2.
Pin configuration for PCF85363ATL
(DFN2626-10) ....................................................4
Fig. 3.
Pin configuration for PCF85363ATT
(TSSOP8) ..........................................................4
Fig. 4.
Pin configuration for PCF85363ATT1
(TSSOP10) ........................................................4
Fig. 5.
Address register incrementing ...........................5
Fig. 6.
Register map .....................................................6
Fig. 7.
Time mode register set selection ...................... 7
Fig. 8.
OS status bit ................................................... 11
Fig. 9.
Data flow for the time function ........................ 13
Fig. 10.
Data flow for the stop-watch function .............. 15
Fig. 11.
Alarm1 and alarm2 function block diagram
(RTC mode) .................................................... 18
Fig. 12.
Alarm1 and alarm2 function block diagram
(stop-watch mode) ...........................................21
Fig. 13.
WatchDog repeat mode .................................. 23
Fig. 14.
WatchDog single shot mode ........................... 24
Fig. 15.
Timestamp .......................................................25
Fig. 16.
Example battery switch-over timestamp ..........26
Fig. 17.
Example TS pin driven timestamp .................. 27
Fig. 18.
Offset calibration calculation workflow .............32
Fig. 19.
Result of offset calibration ...............................32
Fig. 20.
Interrupt pulse width ........................................35
Fig. 21.
Interrupt selection ............................................36
Fig. 22.
Threshold voltage switching hysteresis ........... 41
Fig. 23.
Switching at Vth .............................................. 41
Fig. 24.
Switching at VBAT .......................................... 42
Fig. 25.
Switching at the higher of VBAT or Vth ........... 43
Fig. 26.
Switching at the lower of VBAT or Vth .............43
Fig. 27.
TS pin ..............................................................46
Fig. 28.
INTA pin .......................................................... 47
Fig. 29.
Software reset command ................................ 53
Fig. 30.
CPR and STOP bit functional diagram ............56
Fig. 31.
STOP release timing .......................................56
Fig. 32.
I2C read and write protocol .............................57
Fig. 33.
I2C read and write signaling ........................... 58
Fig. 34.
Application example ........................................ 60
Fig. 35.
Application example timing ............................. 61
Fig. 36.
Device diode protection diagram of
PCF85363A .....................................................62
Fig. 37.
Typical IDD with respect to fSCL .....................66
Fig. 38.
Typical IDD as a function of temperature ........ 66
Fig. 39.
Typical IDD with respect to VDD .....................67
Fig. 40.
Oscillator frequency variation with respect
to VDD ............................................................ 68
Fig. 41.
I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % .................................. 69
Fig. 42.
Application diagram for PCF85363A ............... 70
Fig. 43.
Package outline SOT1197-1
(DFN2626-10), PCF85363ATL ........................ 71
Fig. 44.
Package outline SOT505-1 (TSSOP8),
PCF85363ATT .................................................72
Fig. 45.
Package outline SOT552-1 (TSSOP10),
PCF85363ATT1 ...............................................73
Fig. 46.
Temperature profiles for large and small
components .....................................................76
Fig. 47.
Footprint information for reflow soldering of
SOT505-1 (TSSOP8), PCF85363ATT .............76
Fig. 48.
Footprint information for reflow soldering of
SOT1197-1 (DFN2626-10),PCF85363ATL ......77
Fig. 49.
Footprint information for reflow soldering of
SOT552-1 (TSSOP10), PCF85363ATT1 .........78
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
84 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86