| データシートサーチシステム |
|
EDBA164B4PT-1DITF-R データシート(PDF) 90 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
EDBA164B4PT-1DITF-R データシート(HTML) 90 Page - Micron Technology |
|
90 / 152 page ![]() Figure 62: WRITE with Auto Precharge to Power-Down Entry CK_c CKE1 T0 T1 Tm Tm + 1 Tm + 2 Tm + 3 Tx Tx + 1 Tx + 2 Tx + 3 Tx + 4 Tx + 5 Tx + 6 CMD DQ DQS_c WRITE w/AP PRE2 D IN D IN D IN D IN WL BL/2 BL/2 CK_t CKE1 T0 T1 Tm Tm + 1 Tm + 2 Tm + 3 Tm + 4 Tm + 5 Tx Tx + 1 Tx + 2 Tx + 3 Tx + 4 CMD DQ DQS_t D IN D IN D IN D IN D IN D IN D IN D IN WL tISCKE tWR tWR PRE2 BL = 4 BL = 8 WRITE w/AP CK_c DQS_c CK_t DQS_t tISCKE Notes: 1. CKE can be registered LOW at (WL + 1 + BL/2 + RU(tWR/tCK + 1) clock cycles after the WRITE command is registered. 2. Start internal PRECHARGE. 216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Power-Down 09005aef85eb530a 216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN 90 Micron Technology, Inc. reserves the right to change products or specifications without notice. © 2014 Micron Technology, Inc. All rights reserved. |