| データシートサーチシステム |
|
RGSCC911-R-B-B-0 データシート(PDF) 1 Page - Carling Technologies |
|
|
|||||||||||||||||||||||||||||
RGSCC911-R-B-B-0 データシート(HTML) 1 Page - Carling Technologies |
|
1 / 3 page ![]() www.carlingtech.com 860.793.9281 sales@carlingtech.com Typical Applications request sample, configure part RG-Series Single/Double Pole Lighted Rocker & Paddle Switches PRODUCT WEBPAGE The double pole version of the R-Series incorporates the same sleek lines as the original Curvette, in a double pole envelope. Features include silver-plated butt-action contacts which afford ratings to 20A/125, 15A 250VAC and withstand peak inrush currents up to 100 amps. Paddle or rocker actuators and a choice of solder lug, .250 Tab and wire lead terminations enable this switch to adapt to high current applications. ∙ Power Supply ∙ Appliances ∙ Exercise Equipment ∙ Music Equipment Poles Amps VDC VAC 1-2 10-20 6-24 125-250 |
同様の部品番号 - RGSCC911-R-B-B-0 |
|
同様の説明 - RGSCC911-R-B-B-0 |