データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSC8658 データシート(PDF) 11 Page - Microsemi Corporation

部品番号 VSC8658
部品情報  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 データシート(HTML) 11 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 7Page - Microsemi Corporation VSC8658 Datasheet HTML 8Page - Microsemi Corporation VSC8658 Datasheet HTML 9Page - Microsemi Corporation VSC8658 Datasheet HTML 10Page - Microsemi Corporation VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation VSC8658 Datasheet HTML 13Page - Microsemi Corporation VSC8658 Datasheet HTML 14Page - Microsemi Corporation VSC8658 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
Introduction
VMDS-10242 VSC8658 Datasheet Revision 4.1
3
2
Introduction
This document consists of descriptions and specifications for both functional and physical aspects of the
Octal 10/100/1000BASE-T PHY and 100BASE-FX/1000BASE-X SerDes.
In addition to datasheets, the Microsemi website offers an extensive library of documentation, support
files, and application materials specific to each device. The address of the Microsemi website is
www.microsemi.com.
2.1
Register and Bit Conventions
This document refers to registers by their address and bit number in decimal notation. A range of bits is
indicated with a colon. For example, a reference to address 26, bits 15 through 14 is shown as 26.15:14.
Bit numbering follows the IEEE standard with bit 15 being the most significant bit and bit 0 being the least
significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95