| データシートサーチシステム |
|
SPBT3.0DP2 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT3.0DP2 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 31 page ![]() Figure 6. Soldering profile 6.2 UART interface The UART is compatible with the 16550 industry standard. Four signals are provided with the UART interface. The TXD and RXD pins are used for data, while the CTS and RTS pins are used for flow control. Figure 7. Connection to host device SPBT3.0DP2 UART interface DS11599 - Rev 7 page 14/31 |