データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMIPID02 データシート(PDF) 42 Page - STMicroelectronics

部品番号 STMIPID02
部品情報  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02 データシート(HTML) 42 Page - STMicroelectronics

Back Button STMIPID02 Datasheet HTML 38Page - STMicroelectronics STMIPID02 Datasheet HTML 39Page - STMicroelectronics STMIPID02 Datasheet HTML 40Page - STMicroelectronics STMIPID02 Datasheet HTML 41Page - STMicroelectronics STMIPID02 Datasheet HTML 42Page - STMicroelectronics STMIPID02 Datasheet HTML 43Page - STMicroelectronics STMIPID02 Datasheet HTML 44Page - STMicroelectronics STMIPID02 Datasheet HTML 45Page - STMicroelectronics STMIPID02 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
13
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
13.1
VFBGA package information
Figure 17. VFBGA package outline
Note:
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized
marking, or other feature of package body or integral heatslug. A distinguishing feature is allowed on the bottom
surface of the package to identify the terminal A1 corner. Exact shape of each corner is optional.
STMIPID02
Package information
DS12803 - Rev 1
page 42/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50